Part Number Hot Search : 
RATION PH103 OV7251 1N4001 S7241 PB4006 S6X8BS 24VDC
Product Description
Full Text Search
 

To Download BAS70W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70W SERIES
FEATURES Power dissipation PD: 200
SCHOTTKY DIODE
SOT-323
1. BASE 2. EMITTER 3. COLLECTOR
1. 25 A0. 05
1. 01 R EF
mW (Tamb=25)
1. 30 A0. 03
2. 30 A0. 05
Collector current 70 mA IF: Collector-base voltage 70 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
Unit: mm
BAS70W Marking: K73
BAS70W-04 Marking: K74
BAS70W-05 Marking: K75
BAS70W-06 Marking: K76
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage Forward Diode voltage capacitance leakage current Symbol V(BR) R IR VF CD trr
unless otherwise specified)
Test conditions IR= 10A VR=50V IF=1mA IF=15mA VR=0V, f=1MHz IF=10mA through IR=10mA to IR=1mA MIN 70 100 410 1000 2 5 MAX UNIT V
0. 30
2. 00 A0. 05
nA
mV
pF
nS
Reveres recovery time


▲Up To Search▲   

 
Price & Availability of BAS70W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X